PART |
Description |
Maker |
38770-0407 38770-0207 38770-0607 38770-0420 38770- |
CB BTS ET 7 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS BRS 7 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS ONESCR 7 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS ET 20 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS STD 28 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS ONESCR 10 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS STD 9 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS BRS 18 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS STD 18 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:3; Pitch Spacing:0.375"; Wire Size (AWG):24-12; Mounting Type:Screw; Body Material:Glass-Filled Thermoplastic; Current Rating:20A; Number of Rows:2 Terminal Block; No. of Positions:4; Pitch Spacing:0.375"; Wire Size (AWG):24-12; Mounting Type:Screw; Current Rating:20A; No. of Rows:2; Terminal Block Clamp Type:Barrier Terminal Block; Voltage Rating:150V RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
39990-0413 39990-0418 39990-0406 39990-0414 39991- |
SR HDR .197DE 13 ASY ST 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER SR HDR .197DE 18 ASY ST 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER NEO 5.0mm PCB Hdr S99 Sty 15 Ckt 06 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER SR HDR .197DE 14 ASY ST 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER SR HDR .197DE 2 ASY ST G 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER SR HDR .197DE 11 ASY ST GLD 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER SR HDR .197DE 7 ASY ST GLD 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER SR HDR .197DE 16 ASY ST GLD 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER NEO 5.0mm PCB Hdr S99 Sty 15 CKT 16 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER SSR HDR .197DE 5 ASY ST GLD 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER SR HDR .197DE 15 ASY ST GLD 15 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
39960-0210 39960-0208 39960-0204 |
SR BTS 8MM HORIZ 10 ASY 30 AMP 30 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 8MM HORIZ 8 ASY 30 AMP 30 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 8MM HORIZ 4 ASY 30 AMP
|
Molex, Inc. MOLEX INC
|
ST2378E ST2378EBJR ST2378ETTR |
8-BIT SUAL SUPPLY LEVEL TRANSLATOR WITH I/OVCC 15KV ESD PROTECTED 8-BIT DUAL SUPPLY 1.71V TO 5.5V LEVEL TRANSLATOR WITH I/OVCC ±15KV ESD PROTECTION 8-BIT DUAL SUPPLY 1.71V TO 5.5V LEVEL TRANSLATOR WITH I/OVCC 15KV ESD PROTECTION 8-BIT DUAL SUPPLY 1.71V TO 5.5V LEVEL TRANSLATOR WITH I/OVCC 【15KV ESD PROTECTION 8-BIT DUAL SUPPLY 1.71V TO 5.5V LEVEL TRANSLATOR WITH I/OVCC 5KV ESD PROTECTION 8位双电源1.71V5.5V的电平转换与 OVCC5kV ESD保护
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V.
|
HD74ALVC165245ATEL HD74ALVC165245A |
Standard IC>General-Purpose Logics>Level Shifter>High Speed Level Shifter 16-Bit Dual-supply Bus Transceiver with 3-state Outputs
|
RENESAS[Renesas Electronics Corporation]
|
38140-0113 |
BTS STD 13 ASY
|
MOLEX INC
|
CBTD3306PW CBTD3306D CBTD3306GM CBTD3306GT CBTD330 |
Dual bus switch with level shifting Multiple package options Dual bus switch with level shifting 双总线电平转换开
|
NXP Semiconductors N.V.
|
BT136M BT136M-500E BT136M-600E BT136M-800E BT136S- |
Transient Voltage Suppressor Diodes 双向敏感 Octal Registered Transceivers with 3-State Outputs 24-SOIC -40 to 85 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 DIODE: ZENER 5.6V DUAL COMMON ANODE Triacs sensitive gate
|
NXP Semiconductors N.V. Philips Semiconductors
|
RF1K49093 FN3969 |
2.5A, 12V, 0.130 Ohm, Logic Level, Dual P-Channel LittleFETPower MOSFET 2.5A, 12V, 0.130 Ohm, Logic Level, Dual P-Channel LittleFET⑩ Power MOSFET From old datasheet system 2.5A 12V 0.130 Ohm Logic Level Dual P-Channel LittleFET Power MOSFET 2.5A, 12V, 0.130 Ohm, Logic Level, Dual P-Channel LittleFET Power MOSFET 2.5A/ 12V/ 0.130 Ohm/ Logic Level/ Dual P-Channel LittleFET Power MOSFET
|
INTERSIL[Intersil Corporation]
|
74AVC2T45GF |
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
|
NXP Semiconductors
|
NVMFD5489NL |
60 V, 65 mOhms, 12 A, Dual N-Channel Logic Level, Dual SO-8FL Power MOSFET
|
ON Semiconductor
|
74AVCH2T45GT |
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
|
Philips Semiconductors
|
|